PART |
Description |
Maker |
CM520813 |
SCR/Diode POW-R-BLOK Modules 130 Amperes/800 Volts SCR/Diode POW-R-BLOK⑩ Modules 130 Amperes/800 Volts
|
POWEREX[Powerex Power Semiconductors]
|
CM4216A2 CM4212A2 |
SCR/Diode POW-R-BLOK⑩ Modules 25 Amperes/1200-1600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
LD421843 LD422243 LD4243 LD422043 |
POW-R-BLOK Dual SCR/Diode Isolated Module (430 Amperes / Up to 2200 Volts)
|
POWEREX INC Powerex Powers POWEREX[Powerex Power Semiconductors]
|
PD421207 PD4707 PD421407 PD421607 PD421807 |
POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
LD420850 LD421250 LD4250 LD421050 LD421450 LD42165 |
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
|
Powerex Powers POWEREX[Powerex Power Semiconductors]
|
CD430840 CD431240 CD431640 CD4340 |
POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts 63 A, 1200 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
T7SH024.58GDN T72H024.58GDN T707063.258GDN T607021 |
706.5 A, SCR T7S, 3 PIN 706.5 A, SCR T72, 3 PIN 510.25 A, SCR T70, 3 PIN 196.25 A, SCR T60, 3 PIN 431.75 A, SCR T70, 3 PIN 392.5 A, SCR 109.9 A, 300 V, SCR 471 A, SCR 1177.5 A, SCR 785 A, SCR 942 A, SCR 2669 A, SCR 565.2 A, SCR 549.5 A, SCR 2512 A, SCR 1570 A, 700 V, SCR 235.5 A, SCR 62.8 A, SCR 1256 A, SCR 628 A, SCR 4710 A, SCR 1020.5 A, SCR 109.9 A, 150 V, SCR 1570 A, SCR 2826 A, SCR 3140 A, SCR 1727 A, SCR
|
Powerex, Inc. POWEREX INC
|
CD471290 CD420890 CD421690 CD471690 CD4290 CD42129 |
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts R8C Series, R8C/33A Group, WDTO 32P6U-A; Vcc= 1.8 to 5.5 volts, Temp= -20 to 85 C, dataflash; Package: PLQP0052JA-A 140 A, 1600 V, SCR
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] http:// Powerex Power Semicondu...
|
CM531613 CM531213 |
Dual SCR POW-R-BLOK⑩ Modules 200 Amperes/800 Volts Dual SCR POW-R-BLOK Modules 200 Amperes/800 Volts
|
POWEREX[Powerex Power Semiconductors]
|
ND431421 ND431221 ND4321 ND430821 ND431021 ND43162 |
POW-R-BLOK Dual SCR Isolated Module (210 Amperes / Up to 2000 Volts)
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
PA4307 PA431407 PA431807 PA431207 PA431607 POWEREX |
POW-R-BLOK AC Switch SCR Isolated Module (1550 Amps RMS/ Up to 1800 Volts) POW-R-BLOK AC Switch SCR Isolated Module (1550 Amps RMS, Up to 1800 Volts) POW-R-BLOK AC Switch SCR Isolated Module (1550 Amps RMS Up to 1800 Volts)
|
POWEREX INC POWEREX[Powerex Power Semiconductors]
|